Part Number Hot Search : 
D4G0405S 27C040 AD8602AR J120CA AD600AQ USTB3 LTC4412 04605
Product Description
Full Text Search
 

To Download SR315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR302 - SR315
3.0 AMPS. Schottky Barrier Rectifiers DO-201AD
Features
Low power loss, high efficiency. High current capability, Low VF. High reliability High surge current capability. Epitaxial construction. Guard-ring for transient protection. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application
Mechanical Data
Cases: DO-201AD molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 1.1 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics o
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SR SR SR SR SR SR SR SR Type Number 302 303 304 305 306 309 310 315 Maximum Recurrent Peak Reverse Voltage VRRM 20 30 40 50 60 90 100 150 Maximum RMS Voltage VRMS 14 21 28 35 42 63 70 105 Maximum DC Blocking Voltage VDC 20 30 40 50 60 90 100 150
Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @3.0A Maximum D.C. Reverse Current at Rated DC Blocking Voltage @ TA=25 C o @ TA=125 C
o
Units
V V V A A
I(AV) IFSM VF IR Cj RJA RJC TJ TSTG 0.55 0.5 10 200
3.0 80 0.70 5 130 50 15 0.85 0.95 0.1 2.0 72
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
V mA mA pF
o
C/W
o o
-65 to +125
-65 to +150 -65 to +150
C C
Notes:
1. Mount on Cu-Pad Size 16mm x 16mm on P.C.B. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
- 86 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SR302 THUR SR315)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
4 150
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT AMPERES
8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. AMPERES
120
3
15 R3 5-S 30 SR 04 R3 2-S 30 SR
90
2
60
1
30
0 0 25 50 75 100
o
0 125 150 175 LEAD TEMPERATURE. ( C)
1
2
4 6 8 10 20 NUMBER OF CYCLES AT 60Hz
40
60 80 100
FIG.4- TYPICAL REVERSE CHARACTERISTICS FIG.3- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
50 Tj=125 0C 10
SR
302
-SR
304
INSTANTANEOUS REVERSE CURRENT. (mA)
10
1.0
306 -SR 305 SR
09 -S R3 10 31 5
1.0
3 SR
SR
.10
Tj=75 0C
Tj=25oC Pulse Width=300 s 1% Duty Cycle 0.1 .2 .3 .4 .5 .6 .7 FORWARD VOLTAGE. (V) .8 .9 1.0
.01
Tj=25 0C
FIG.5- TYPICAL JUNCTION CAPACITANCE
1000 600 400 SR302-304 SR305-315 .001 0 200
SR 30 2-3 04
JUNCTION CAPACITANCE.(pF)
20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
100 80 60 40 20
SR
30
5-3
SR
30
9-3
15
TRANSIENT THERMAL IMPEDANCE. (OC/W)
06
100
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
10
10
.1
.2
.4
1.0 2 4 10 REVERSE VOLTAGE. (V)
20
40
100
1
0.1
0.01
0.1
1 10 T, PULSE DURATION. (sec)
100
Version: B07


▲Up To Search▲   

 
Price & Availability of SR315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X